Part Number Hot Search : 
A5800924 27011 MUR480ES D1120 TD111 TXV2N IDT72T5 XF001
Product Description
Full Text Search
 

To Download LT1460-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1460-2.5 Micropower Precision Series Reference
FEATURES
s s s s s s s s s s
DESCRIPTIO
Trimmed to High Accuracy: 0.075% Max Low Drift: 10ppm/C Max Industrial Temperature Range SO Package Temperature Coefficient Guaranteed to 125C Low Supply Current: 130A Max Minimum Output Current: 20mA No Output Capacitor Required Reverse Battery Protection Minimum Input/Output Differential: 0.9V Available in Small MSOP Package
APPLICATIO S
s s s s s
Handheld Instruments Precision Regulators A/D and D/A Converters Power Supplies Hard Disk Drives
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT (R)1460-2.5 is a micropower bandgap reference that combines very high accuracy and low drift with low power dissipation and small package size. This series reference uses curvature compensation to obtain low temperature coefficient and trimmed precision thin-film resistors to achieve high output accuracy. The reference will supply up to 20mA, making it ideal for precision regulator applications, yet it is almost totally immune to input voltage variations. This series reference provides supply current and power dissipation advantages over shunt references that must idle the entire load current to operate. Additionally, the LT14602.5 does not require an output compensation capacitor, but it is stable with capacitive loads. This feature is important in critical applications where PC board space is a premium or fast settling is demanded. Reverse battery protection keeps the reference from conducting current and being damaged. The LT1460-2.5 is available in the 8-lead MSOP, SO, PDIP and the 3-lead TO-92 packages. It is also available in the SOT-23 package (see separate data sheet LT1460S3-2.5).
TYPICAL APPLICATIO
Basic Connection
LT1460-2.5 IN C1 0.1F GND
1460-2.5 TA01
Typical Distribution of Output Voltage S8 Package
20 18 1400 PARTS FROM 2 RUNS
3.4V TO 20V
OUT
2.5V
16 14
UNITS (%)
12 10 8 6 4 2 0 -0.10 -0.06 -0.02 0 0.02 0.06 OUTPUT VOLTAGE ERROR (%) 0.10
U
1460-2.5 TA02
U
U
1
LT1460-2.5
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................... 30V Reverse Voltage .................................................... - 15V Output Short-Circuit Duration, TA = 25C VIN > 10V ........................................................... 5 sec VIN 10V ................................................... Indefinite
PACKAGE/ORDER INFORMATION
TOP VIEW DNC* VIN DNC* GND 1 2 3 4 8 7 6 5 DNC* DNC* VOUT DNC*
DNC* 1 VIN 2 DNC* 3 GND 4 N8 PACKAGE 8-LEAD PDIP TOP VIEW 8 7 6 5 DNC* DNC* VOUT DNC* *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
MS8 PACKAGE 8-LEAD PLASTIC MSOP *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS TJMAX = 125C, JA = 250C/ W
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 125C, JA = 130C/ W (N8) TJMAX = 125C, JA = 190C/ W (S8)
ORDER PART NUMBER LT1460CCMS8-2.5 LT1460FCMS8-2.5 MS8 PART MARKING LTAA LTAB
Consult factory for Military grade parts.
ORDER PART NUMBER LT1460ACN8-2.5 LT1460BIN8-2.5 LT1460DCN8-2.5 LT1460EIN8-2.5 LT1460ACS8-2.5 LT1460BIS8-2.5 LT1460DCS8-2.5 LT1460EIS8-2.5 S8 PART MARKING 1460A2 460BI2 1460D2 460EI2 460LH2 460MH2 LT1460LHS8-2.5 LT1460MHS8-2.5
Available Options
ACCURACY (%) 0.075 0.10 0.10 0.10 0.125 0.15 0.25 0.25 0.20 0.20 TEMPERATURE COEFFICIENT (ppm/C) 10 10 15 20 20 25 25 25 20/50 50 LT1460LHS8-2.5 LT1460MHS8-2.5 LT1460DCN8-2.5 LT1460EIN8-2.5 LT1460DCS8-2.5 LT1460EIS8-2.5 LT1460FCMS8-2.5 LT1460GCZ-2.5 LT1460GIZ-2.5 PACKAGE TYPE N8 LT1460ACN8-2.5 LT1460BIN8-2.5 S8 LT1460ACS8-2.5 LT1460BIS8-2.5 LT1460CCMS8-2.5 MS8 Z
TEMPERATURE 0C to 70C - 40C to 85C 0C to 70C 0C to 70C - 40C to 85C 0C to 70C 0C to 70C - 40C to 85C - 40C to 85C/125C - 40C to 125C
2
U
U
W
WW
U
W
(Note 1)
Specified Temperature Range Commercial ............................................ 0C to 70C Industrial ........................................... - 40C to 85C Storage Temperature Range (Note 2) ... - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
BOTTOM VIEW 3 VIN 2 VOUT 1 GND
Z PACKAGE 3-LEAD TO-92 PLASTIC
TJMAX = 125C, JA = 160C/ W
ORDER PART NUMBER LT1460GCZ-2.5 LT1460GIZ-2.5
LT1460-2.5
ELECTRICAL CHARACTERISTICS
PARAMETER Output Voltage (Note 3)
VIN = 5V, IOUT = 0, TA = 25C unless otherwise specified.
MIN 2.49813 - 0.075 2.4975 - 0.10 2.49688 - 0.125 2.49625 - 0.15 2.49375 - 0.25 2.495 - 0.20
q q q q q q q q
CONDITIONS LT1460ACN8, ACS8 LT1460BIN8, BIS8, CCMS8, DCN8, DCS8 LT1460EIN8, EIS8 LT1460FCMS8 LT1460GCZ, GIZ LT1460LHS8, MHS8
TYP 2.500 2.500 2.500 2.500 2.500 2.500
MAX 2.50188 0.075 2.5025 0.10 2.50313 0.125 2.50375 0.15 2.50625 0.25 2.505 0.20 10 15 20 25 20 50 50 60 80 25 35 2800 3500 135 180 100 140 2.5 0.9 1.3 1.4
UNITS V % V % V % V % V % V % ppm/C ppm/C ppm/C ppm/C ppm/C ppm/C ppm/C ppm/V ppm/V ppm/V ppm/V ppm/mA ppm/mA ppm/mA ppm/mA ppm/mA ppm/mA ppm/mW V V V mA A A A VP-P VRMS ppm/kHr ppm ppm
Output Voltage Temperature Coefficient (Note 4)
TMIN TJ TMAX LT1460ACN8, ACS8, BIN8, BIS8 LT1460CCMS8 LT1460DCN8, DCS8, EIN8, EIS8 LT1460FCMS8, GCZ, GIZ LT1460LHS8 - 40C to 85C - 40C to 125C LT1460MHS8 - 40C to 125C 3.4V VIN 5V 5V VIN 20V
5 7 10 12 10 25 25 30 10
Line Regulation
q
Load Regulation Sourcing (Note 5)
IOUT = 100A
q
1500 80
q
IOUT = 10mA IOUT = 20mA 0C to 70C Thermal Regulation (Note 6) Dropout Voltage (Note 7) P = 200mW VIN - VOUT, VOUT 0.1%, IOUT = 0 VIN - VOUT, VOUT 0.1%, IOUT = 10mA
q q
70
q
0.5
Output Current Reverse Leakage Supply Current
Short VOUT to GND VIN = - 15V
q q
40 0.5 100 10 130 165
Output Voltage Noise (Note 8) Long-Term Stability of Output Voltage, S8 Pkg (Note 9) Hysteresis (Note 10)
0.1Hz f 10Hz 10Hz f 1kHz T = - 40C to 85C T = 0C to 70C
10 10 40 160 25
3
LT1460-2.5
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the specified temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: If the part is stored outside of the specified temperature range, the output may shift due to hysteresis. Note 3: ESD (Electrostatic Discharge) sensitive device. Extensive use of ESD protection devices are used internal to the LT1460, however, high electrostatic discharge can damage or degrade the device. Use proper ESD handling precautions. Note 4: Temperature coefficient is measured by dividing the change in output voltage by the specified temperature range. Incremental slope is also measured at 25C. Note 5: Load regulation is measured on a pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. Note 6: Thermal regulation is caused by die temperature gradients created by load current or input voltage changes. This effect must be added to normal line or load regulation. This parameter is not 100% tested. Note 7: Excludes load regulation errors. Note 8: Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment to eliminate thermocouple effects on the leads. The test time is 10 sec. RMS noise is measured with a single highpass filter at 10Hz and a 2-pole lowpass filter at 1kHz. The resulting output is full wave rectified and then integrated for a fixed period, making the final reading an average as opposed to RMS. A correction factor of 1.1 is used to convert from average to RMS and a second correction of 0.88 is used to correct for the nonideal bandpass of the filters. Note 9: Long-term stability typically has a logarithmic characteristic and therefore, changes after 1000 hours tend to be much smaller than before that time. Total drift in the second thousand hours is normally less than one third that of the first thousand hours with a continuing trend toward reduced drift with time. Significant improvement in long-term drift can be realized by preconditioning the IC with a 100 hour to 200 hour, 125C burn-in. Long-term stability will also be affected by differential stresses between the IC and the board material created during board assembly. See PC Board Layout in the Applications Information section. Note 10: Hysteresis in output voltage is created by package stress that differs depending on whether the IC was previously at a higher or lower temperature. Output voltage is always measured at 25C, but the IC is cycled to 85C or - 40C before successive measurements. Hysteresis is roughly proportional to the square of the temperature change. Hysteresis is not normally a problem for operational temperature excursions where the instrument might be stored at high or low temperature.
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Input-Output Voltage Differential
100 OUTPUT VOLTAGE CHANGE (mV)
6
OUTPUT VOLTAGE CHANGE (mV)
OUTPUT CURRENT (mA)
10
-55C 1 125C 25C
0.1 0 0.5 1.0 1.5 2.0 INPUT-OUTPUT VOLTAGE (V) 2.5
4
UW
Load Regulation, Sourcing
80 70
Load Regulation, Sinking
5 125C 4 3 25C 2 -55C 1 0
125C 60 50 25C 40 30 20 -55C 10
0.1
1 10 OUTPUT CURRENT (mA)
100
1460-2.5 G02
0
0
1.0 0.5 OUTPUT CURRENT (mA)
1.5
1460-2.5 G03
1460-2.5 G01
LT1460-2.5 TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Temperature Drift
2.503 3 TYPICAL PARTS 150 2.502 SUPPLY CURRENT (A) OUTPUT VOLTAGE (V) 125 100 75 50 25 2.498 -50 0 -25 0 25 50 TEMPERATURE (C) 75 100 0 5 10 INPUT VOLTAGE (V)
1460-2.5 G04 1460-2.5 G05
25C
OUTPUT VOLTAGE (V)
2.501
2.500
2.499
Power Supply Rejection Ratio vs Frequency
90
POWER SUPPLY REJECTION RATIO (dB)
OUTPUT IMPEDANCE ()
70 60 50 40 30 20 10 0 -10 100
100
CL = 0
LOAD CAPACITANCE (F)
80
1k
10k 100k FREQUENCY (Hz)
Output Voltage Noise Spectrum
1000
NOISE VOLTAGE (nV/Hz)
OUTPUT NOISE (10V/DIV)
OUTPUT VOLTAGE (V)
100 10 100 1k 10k FREQUENCY (Hz) 100k
1460-2.5 G10
UW
Supply Current vs Input Voltage
175 125C
2.5014 2.5010 2.5006
Line Regulation
125C
25C 2.5002 2.4998 -55C 2.4994 2.4990
-55C
15
20
0
2
4
6 8 10 12 14 16 18 20 INPUT VOLTAGE (V)
1460-2.5 G06
Output Impedance vs Frequency
1k CL= 0.1F
Transient Responses
10
1
0.1
10
0 IOUT = 10mA
CL= 1F
1460 G09
1
1M
1460-2.5 G07
10
100
1k 10k FREQUENCY (Hz)
100k
1M
1460-2.5 G08
Output Noise 0.1Hz to 10Hz
2.5000
Long-Term Drift Three Typical Parts (S8 Package)
2.4998
2.4996
2.4994
2.4992
0
1
2
3
456 TIME (SEC)
7
8
9
10
2.4990 0 200 600 400 TIME (HOURS) 800 1000
1460-2.5 G11
1460-2.5 G12
5
LT1460-2.5
APPLICATIONS INFORMATION
Longer Battery Life Series references have a large advantage over older shunt style references. Shunt references require a resistor from the power supply to operate. This resistor must be chosen to supply the maximum current that can ever be demanded by the circuit being regulated. When the circuit being controlled is not operating at this maximum current, the shunt reference must always sink this current, resulting in high dissipation and short battery life. The LT1460-2.5 series reference does not require a current setting resistor and can operate with any supply voltage from VOUT + 0.9V to 20V. When the circuitry being regulated does not demand current, the LT1460-2.5 reduces its dissipation and battery life is extended. If the reference is not delivering load current it dissipates only 500W on a 5V supply, yet the same configuration can deliver 20mA of load current when demanded. Capacitive Loads The LT1460-2.5 is designed to be stable with capacitive loads. With no capacitive load, the reference is ideal for fast settling or applications where PC board space is a premium. The test circuit shown in Figure 1 is used to measure the response time for various load currents and load capacitors. The 1V step from 2.5V to 1.5V produces a current step of 1mA or 100A for RL = 1k or RL = 10k. Figure 2 shows the response of the reference with no load capacitance. The reference settles to 2.5mV (0.1%) in less than 1s for a 100A pulse and to 0.1% in 1.5s with a 1mA step. When load capacitance is greater than 0.01F, the reference begins to ring due to the pole formed with the output impedance. Figure 3 shows the response of the reference to a 1mA and 100A load with a 0.01F load capacitor. The ringing can be greatly reduced with a DC load as small as 200A. With large output capacitors, 1F, the ringing can be reduced with a small resistor in series with the reference output as shown in Figure 4. Figure 5 shows the
VIN = 5V CIN 0.1F LT1460-2.5 VOUT CL RL VGEN 2.5V 1.5V
1460-2.5 F01
Figure 1. Response Time Test Circuit
6
U
W
U
U
response of the LT1460-2.5 with a RS = 2 and CL = 1F. RS should not be made arbitrarily large because it will limit the load regulation.
VGEN
2.5V 1.5V
VOUT
RL = 10k
VOUT
RL = 1k
1s/DIV
1460 F02
Figure 2. CL = 0
2.5V VGEN 1.5V VOUT RL = 10k
VOUT
RL = 1k
20s/DIV
1460 F03
Figure 3. CL = 0.01F
RS VIN = 5V CIN 0.1F LT1460-2.5
VOUT
RL VGEN CL 2.5V 1.5V
1460-2.5 F04
Figure 4. Isolation Resistor Test Circuit
2.5V VGEN 1.5V RL = 1k, RS = 0 RL = 1k, RS = 2
VOUT
VOUT
0.1ms/DIV
1460 F05
Figure 5. Effect of RS for CL = 1F
LT1460-2.5
APPLICATIONS INFORMATION
Fast Turn-On It is recommended to add a 0.1F or larger input capacitor to the input pin of the LT1460-2.5. This helps stability with large load currents and speeds up turn-on. The LT14602.5 can start in 2s, but it is important to limit the dv/dt of the input. Under light load conditions and with a very fast input, internal nodes overslew and this requires finite recovery time. Figure 6 shows the result of no bypass capacitance on the input and no output load. In this case the supply dv/dt is 5V in 30ns which causes internal overslew, and the output does not bias to 2.5V until 500s. Figure 7 shows the effect of a 0.1F bypass capacitor which limits the input dv/dt to approximately 5V in 2s and the output settles quickly. Output Accuracy Like all references, either series or shunt, the error budget of the LT1460-2.5 is made up of primarily three components: initial accuracy, temperature coefficient and load regulation. Line regulation is neglected because it typically contributes only 30ppm/V, or 75V for a 1V input change. The LT1460-2.5 typically shifts less than 0.01% when soldered into a PCB, so this is also neglected (see PC Board Layout section). The output errors are calculated as follows for a 100A load and 0C to 70C temperature range: LT1460AC
5V VIN 0V
VOUT
0.2ms/DIV
1460 F06
Figure 6. CIN = 0
VIN
VOUT
2s/DIV
1460 F07
Figure 7. CIN = 0.1F Table 1. Worst-Case Output Accuracy Over Temperature
IOUT 0 100A 10mA 20mA LT1460AC 0.145% 0.180% 0.325% 0.425% LT1460BI 0.225% 0.260% 0.405% N/A LT1460CC 0.205% 0.240% 0.385% 0.485% LT1460DC 0.240% 0.275% 0.420% 0.520% LT1460EI 0.375% 0.410% 0.555% N/A LT1460FC 0.325% 0.360% 0.505% 0.605% LT1460GC 0.425% 0.460% 0.605% 0.705% LT1460GI 0.562% 0.597% 0.742% N/A
U
0V
W
U
U
Initial accuracy = 0.075% For IO = 100A,
3500ppm VOUT = 0.1mA 2.5V = 875V mA
(
)( )
which is 0.035%. For temperature 0C to 70C the maximum T = 70C,
10ppm VOUT = 70C 2.5V = 1.75mV C
( )( )
which is 0.07%.
5V 0V
Total worst-case output error is: 0.075% + 0.035% + 0.070% = 0.180%. Table 1 gives worst-case accuracy for the LT1460AC, CC, DC, FC, GC from 0C to 70C and the LT1460BI, EI, GI from - 40C to 85C.
7
LT1460-2.5
APPLICATIONS INFORMATION
PC Board Layout In 13- to 16-bit systems where initial accuracy and temperature coefficient calibrations have been done, the mechanical and thermal stress on a PC board (in a cardcage for instance) can shift the output voltage and mask the true temperature coefficient of a reference. In addition, the mechanical stress of being soldered into a PC board can cause the output voltage to shift from its ideal value. Surface mount voltage references (MS8 and S8) are the most susceptible to PC board stress because of the small amount of plastic used to hold the lead frame. A simple way to improve the stress-related shifts is to mount the reference near the short edge of the PC board, or in a corner. The board edge acts as a stress boundary, or a region where the flexure of the board is minimum. The package should always be mounted so that the leads absorb the stress and not the package. The package is generally aligned with the leads parallel to the long side of the PC board as shown in Figure 9a. A qualitative technique to evaluate the effect of stress on voltage references is to solder the part into a PC board and deform the board a fixed amount as shown in Figure 8. The flexure #1 represents no displacement, flexure #2 is concave movement, flexure #3 is relaxation to no displacement and finally, flexure #4 is a convex movement. This motion is repeated for a number of cycles and the relative output deviation is noted. The result shown in Figure 9a is for two LT1460S8-2.5s mounted vertically and Figure 9b is for two LT1460S8-2.5s mounted horizontally. The parts oriented in Figure 9a impart less stress into the package because stress is absorbed in the leads. Figures 9a and 9b show the deviation to be between 125V and 250V and implies a 50ppm and 100ppm change respectively. This corresponds to a 13- to 14-bit system and is not a problem for most 10- to 12-bit systems unless the system has a calibration. In this case, as with temperature hysteresis, this low level can be important and even more careful techniques are required. The most effective technique to improve PC board stress is to cut slots in the board around the reference to serve as a strain relief. These slots can be cut on three sides of the
OUTPUT DEVIATION (mV)
OUTPUT DEVIATION (mV)
8
U
W
U
U
reference and the leads can exit on the fourth side. This "tongue" of PC board material can be oriented in the long direction of the board to further reduce stress transferred to the reference. The results of slotting the PC boards of Figures 9a and 9b are shown in Figures 10a and 10b. In this example the slots can improve the output shift from about 100ppm to nearly zero.
1 2 3 4
1460-2.5 F08
Figure 8. Flexure Numbers
2
1
0
LONG DIMENSION
-1 0 10 20 FLEXURE NUMBER 30 40
1460-2.5 F09a
Figure 9a. Two Typical LT1460S8-2.5s, Vertical Orientation Without Slots
2
1
0
LONG DIMENSION
-1 0 10 20 FLEXURE NUMBER 30 40
1460-2.5 F09b
Figure 9b. Two Typical LT1460S8-2.5s, Horizontal Orientation Without Slots
LT1460-2.5
APPLICATIONS INFORMATION
2 2
OUTPUT DEVIATION (mV)
1
OUTPUT DEVIATION (mV)
0 SLOT -1 0 10 20 FLEXURE NUMBER 30 40
1460-2.5 F10a
Figure 10a. Same Two LT1460S8-2.5s in Figure 9a, but With Slots
SI PLIFIED SCHE ATIC
VCC
51k
48k
U
W
W
U
U
1
0 SLOT -1 0 10 20 FLEXURE NUMBER 30 40
1460-2.5 F10b
Figure 10b. Same Two LT1460S8-2.5s in Figure 9b, but With Slots
W
VOUT
GND
1460-2.5 SS
9
LT1460-2.5
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
MS8 Package 8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
0.118 0.004* (3.00 0.102) 0.040 0.006 (1.02 0.15) 0.007 (0.18) 0.021 0.006 (0.53 0.015) 0 - 6 TYP SEATING PLANE 0.012 (0.30) 0.0256 REF (0.65) TYP 0.192 0.004 (4.88 0.10) 0.118 0.004** (3.00 0.102) 0.034 0.004 (0.86 0.102) 8 76 5
0.006 0.004 (0.15 0.102)
MSOP (MS8) 1197
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
1
23
4
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5
0.300 - 0.325 (7.620 - 8.255)
0.045 - 0.065 (1.143 - 1.651)
0.130 0.005 (3.302 0.127)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076)
0.255 0.015* (6.477 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
1
2
)
3
4
0.100 0.010 (2.540 0.254)
N8 1197
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
10
LT1460-2.5
PACKAGE DESCRIPTION
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.016 - 0.050 0.406 - 1.270
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.060 0.005 (1.524 0.127) DIA
0.180 0.005 (4.572 0.127)
0.500 (12.70) MIN
0.050 0.005 (1.270 0.127)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 0.053 - 0.069 (1.346 - 1.752) 0.004 - 0.010 (0.101 - 0.254) 8 7 6 5
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
SO8 0996
1
2
3
4
Z Package 3-Lead Plastic TO-92 (Similar to TO-226)
(LTC DWG # 05-08-1410)
0.180 0.005 (4.572 0.127)
0.060 0.010 (1.524 0.254)
0.90 (2.286) NOM
0.140 0.010 (3.556 0.127)
0.050 UNCONTROLLED (1.270) LEAD DIMENSION MAX
5 NOM
10 NOM
0.015 0.002 (0.381 0.051) 0.016 0.003 (0.406 0.076)
Z3 (TO-92) 0695
11
LT1460-2.5
TYPICAL APPLICATIONS
Boosted Output Current with No Current Limit
V + (VOUT + 1.8V) R1 220 2N2905 IN LT1460-2.5 OUT GND 2.5V 100mA IN LT1460-2.5 OUT GND 2.5V 100mA 2F SOLID TANT
+
RELATED PARTS
PART NUMBER LT1236 LT1019 LT1027 DESCRIPTION Precision Low Noise Reference Precision Bandgap Reference Precision 5V Reference COMMENTS 0.05% Max, 5ppm/C Max, SO Package 0.05% Max, 5ppm/C Max 0.02%, 2ppm/C Max
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
Boosted Output Current with Current Limit
V+ VOUT + 2.8V D1* LED R1 220
+
47F
+
8.2 2N2905 47F
2F SOLID TANT
+
* GLOWS IN CURRENT LIMIT, DO NOT OMIT
1460-2.5 TA03
1460-2.5 TA04
Handling Higher Load Currents
5V 40mA
+
47F IN 10mA LT1460-2.5 OUT GND RL TYPICAL LOAD CURRENT = 50mA R1* 63 VOUT 2.5V
*SELECT R1 TO DELIVER 80% OF TYPICAL LOAD CURRENT. LT1460 WILL THEN SOURCE AS NECESSARY TO MAINTAIN PROPER OUTPUT. DO NOT REMOVE LOAD AS OUTPUT WILL BE DRIVEN UNREGULATED HIGH. LINE REGULATION IS DEGRADED IN THIS APPLICATION
1460-2.5 TA05
1460fa LT/TP 1298 2K REV A * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1996


▲Up To Search▲   

 
Price & Availability of LT1460-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X